Part Number Hot Search : 
FN4241 1SV31107 C1004 SC1531 DG428DJ LME1212 CJND2007 FZT705TA
Product Description
Full Text Search
 

To Download PC1307-1R5M-RC10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  power chip inductors pc1307 (mhz) rohs irms (a) inductance (uh) t olerance (%) q ref srf (mhz) rdc (m) isat (a) allied part number q test freq. pc1307-1r5m-rc pc1307-2r2m-rc pc1307-2r7m-rc pc1307-3r3m-rc pc1307-4r7m-rc pc1307-5r6m-rc pc1307-6r8m-rc pc1307-8r2m-rc pc1307-100m-rc pc1307-120m-rc pc1307-150m-rc pc1307-180m-rc pc1307-220m-rc pc1307-270m-rc pc1307-330m-rc pc1307-390m-rc pc1307-470m-rc pc1307-560m-rc pc1307-680m-rc pc1307-820m-rc pc1307-101m-rc pc1307-121m-rc pc1307-151m-rc pc1307-181m-rc pc1307-221m-rc pc1307-271m-rc pc1307-331m-rc pc1307-391m-rc pc1307-471m-rc pc1307-561m-rc pc1307-681m-rc pc1307-821m-rc pc1307-102m-rc 1.5 2.2 2.7 3.3 4.7 5.6 6.8 8.2 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 271 330 391 470 560 680 820 1000 20 20 20 20 20 20 20 20 20 20 20 20 20 20 10,20 10,20 10,20 10,20 10,20 10,20 10,20 10,20 10,20 10,20 10,20 10,20 10,20 10,20 10,20 10,20 10,20 10,20 10,20 20 22 24 26 25 24 24 24 22 25 28 28 40 35 35 28 24 22 24 18 25 20 20 18 15 15 15 12 12 10 10 10 10 65 50 40 38 36 28 26 24 22 20 17 16 15 11 10 9.0 7.5 7.2 7.0 6.0 5.8 5.5 4.5 4.0 3.8 3.5 3.2 2.5 2.2 2.0 1.6 1.5 1.4 5.0 6.0 8.0 8.7 10 15 17 19 21 30 34 36 47 60 65 75 82 95 120 140 180 210 250 280 360 410 520 600 720 880 1000 1300 1600 20 18 16 15 13 11 10.5 9.8 9.2 8.0 7.5 7.0 6.5 5.5 5.0 4.6 4.2 3.8 3.5 3.2 3.0 2.8 2.6 2.3 2.1 1.8 1.6 1.5 1.4 1.3 1.2 1.1 1.0 9.5 9.0 8.2 7.5 7.0 6.5 6.0 5.8 5.6 4.8 4.5 4.2 3.6 3.3 3.1 2.9 2.7 2.5 2.3 2.1 1.9 1.8 1.6 1.5 1.3 1.2 1.2 1.0 0.9 .85 .80 .75 .65 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 .796 .796 .796 .796 .796 .796 .796 .796 .796 .796 .796 .796 allied components interna tional 714-665-1 140 www.a lli edcom pon en ts .com dimensions: inches (mm) all specifications subject to change without notice. typ mhz 0.1v 2.52 revised 11/1/10 .796 typ typ max. features ? unshielded smd power inductor ? suitable for large currents ? high saturation current electrical inductance range: 1.5h to 1000h tolerance: 20% over entire range operating temp: -40oc ~ +125oc idc: current at which inductance drops 10% of original value with a resistance to soldering heat pre-heat 150oc, 1 min. solder composition: sn/ag3.0/cu0.5 solder temp: 260oc +/- 5oc for 10 sec 1 sec. test equipment (l): hp4192a lf impedence analyzer (rdc): chen hwa 502bc (idc): hp4284a with hp42841a or physical packaging: 300 pieces per 7 inch reel. marking: eia inductance code. ? t= 40?c whichever is lower. also available in tighter tolerances chen hwa 1061 + 301a ? ideal for dc-dc converter applications test frequency: as noted (srf): hp4286a


▲Up To Search▲   

 
Price & Availability of PC1307-1R5M-RC10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X